Part Number Hot Search : 
41210 GLC10110 5KP26 WT8801 MMBTA GP2S700 EV30L 0TRPBF
Product Description
Full Text Search
 

To Download SMB3EZ51D5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente smb3ezxxd5 series voltage 3.3 v ~ 200 v 3.0 watts surface mount zener diode 14-jan-2013 rev. c page 1 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? glass passivated chip ? low leakage ? built-in strain relief ? low inductance ? high peak reverse power dissipation ? lead (pb)-free component ? for use in stabilizing and clipping circuits with high power rating mechanical data ? case smb ? epoxy ul 94v-0 rate flame retardant ? polarity laser band denotes cathode end ? weight 0.095 grams (approximately) package information package mpq leader size smb 3k 13 inch maximum ratings (t a =25c unless otherwise noted) parameter symbol value unit dc power dissipation @t l =50c 1 p d 3.0 w maximum forward voltage @i f =200ma v f 1.5 v junction temperature range t j -55 ~ + 150 c storage temperature range t stg -55 ~ + 150 c notes 1. tl = lead temperature at 3/8? (9.5mm) from body. smb a b e g d f c h millimeter millimeter ref. min. max. ref. min. max. a 1.91 2.20 e - 0.203 b 4.06 4.70 f 5.08 5.59 c 3.30 3.94 g 0.76 1.52 d 2.13 2.44 h 0.15 0.305
elektronische bauelemente smb3ezxxd5 series voltage 3.3 v ~ 200 v 3.0 watts surface mount zener diode 14-jan-2013 rev. c page 2 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. electrical characteristics (rating 25c ambient temperatur e unless otherwise specified) nominal zener voltage max. zener impedance max. reverse leakage current max. dc zener current v z @ i zt z zt @ i zt z zk @ i zk i r @ v r i zm part number nom.v ma ? ma ? ma ua v ma smb3ez5.1d5 5.1 147 3.5 147 550 1 5 1 528 smb3ez5.6d5 5.6 134 2.5 134 600 1 5 2 481 smb3ez6.2d5 6.2 121 1.5 121 700 1 5 3 435 smb3ez6.8d5 6.8 110 2 110 700 1 5 4 393 smb3ez7.5d5 7.5 100 2 100 700 0.5 5 5 360 smb3ez8.2d5 8.2 91 2.3 91 700 0.5 5 6 330 smb3ez9.1d5 9.1 82 2.5 82 700 0.5 3 7 297 smb3ez10d5 10 75 3.5 75 700 0.25 3 7.6 270 smb3ez11d5 11 68 4 68 700 0.25 1 8.4 225 smb3ez12d5 12 63 4.5 63 700 0.25 1 9.1 246 smb3ez13d5 13 58 4.5 58 700 0.25 0.5 9.9 208 smb3ez14d5 14 53 5 53 700 0.25 0.5 10.6 193 smb3ez15d5 15 50 5.5 50 700 0.25 0.5 11.4 180 smb3ez16d5 16 47 5.5 47 700 0.25 0.5 12.2 169 smb3ez17d5 17 44 6 44 750 0.25 0.5 13 159 smb3ez18d5 18 42 6 42 750 0.25 0.5 13.7 150 smb3ez19d5 19 40 7 40 750 0.25 0.5 14.4 142 smb3ez20d5 20 37 7 37 750 0.25 0.5 15.2 135 smb3ez22d5 22 34 8 34 750 0.25 0.5 16.7 123 smb3ez24d5 24 31 9 31 750 0.25 0.5 18.2 112 smb3ez27d5 27 28 10 28 750 0.25 0.5 20.6 100 smb3ez28d5 28 27 12 27 750 0.25 0.5 21 96 smb3ez30d5 30 25 16 25 1000 0.25 0.5 22.5 90 smb3ez33d5 33 23 20 23 1000 0.25 0.5 25.1 82 smb3ez36d5 36 21 22 21 1000 0.25 0.5 27.4 75 smb3ez39d5 39 19 28 19 1000 0.25 0.5 29.7 69 smb3ez43d5 43 17 33 17 1500 0.25 0.5 32.7 63 smb3ez47d5 47 16 38 16 1500 0.25 0.5 35.6 57 SMB3EZ51D5 51 15 45 15 1500 0.25 0.5 38.8 53 smb3ez56d5 56 13 50 13 2000 0.25 0.5 42.6 48 smb3ez62d5 62 12 55 12 2000 0.25 0.5 47.1 44 smb3ez68d5 68 11 70 11 2000 0.25 0.5 51.7 40 smb3ez75d5 75 10 85 10 2000 0.25 0.5 56 36
elektronische bauelemente smb3ezxxd5 series voltage 3.3 v ~ 200 v 3.0 watts surface mount zener diode 14-jan-2013 rev. c page 3 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. electrical characteristics (rating 25c ambient temperatur e unless otherwise specified) nominal zener voltage max. zener impedance max. reverse leakage current max. dc zener current v z @ i zt z zt @ i zt z zk @ i zk i r @ v r i zm part number nom. v ma ? ma ? ma ua v ma smb3ez82d5 82 9.1 95 9. 1 3000 0.25 0.5 62.2 33 smb3ez91d5 91 8.2 115 8. 2 3000 0.25 0.5 69.2 30 smb3ez100d5 100 7.5 160 7.5 3000 0.25 0.5 76 27 smb3ez110d5 110 6.8 225 6.8 4000 0.25 0.5 83.6 25 smb3ez120d5 120 6.3 300 6. 3 4500 0.25 0.5 91.2 22 smb3ez130d5 130 5.8 375 5. 8 5000 0.25 0.5 98.8 21 smb3ez140d5 140 5.3 475 5. 3 5500 0.25 0.5 106.4 19 smb3ez150d5 150 5 550 5 6000 0.25 0.5 114 18 smb3ez160d5 160 4.7 625 4. 7 6500 0.25 0.5 121.6 17 smb3ez170d5 170 4.4 650 4. 4 7000 0.25 0.5 130.4 16 smb3ez180d5 180 4.2 700 4. 2 7000 0.25 0.5 136.8 15 smb3ez190d5 190 4 800 4 8000 0.25 0.5 144.8 14 smb3ez200d5 200 3.7 875 3.7 8000 0.25 0.5 152 13 notes: 1. the type number listed have a standard tolerance on the nominal zener voltage of 5%. 2. the reverse surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed on izt per jedec method.
elektronische bauelemente smb3ezxxd5 series voltage 3.3 v ~ 200 v 3.0 watts surface mount zener diode 14-jan-2013 rev. c page 4 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of SMB3EZ51D5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X